PART |
Description |
Maker |
90814-3924 90814-3622 90814-0904 90814-3608 90814- |
P'FLEX SMT H'R HI-TEMP W PEGS AU 24CKT 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 22CKT 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT PICOFLEX SMT HEADER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 26CKT 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP W PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P/FLEX SMT H/R W/O PEGS 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:8.89mm Header; Number of Contacts:10; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:11.43mm
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
E3606S |
6C 18 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
|
General Cable Technologies Corporation
|
E3542S |
2C 22 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
|
General Cable Technologies Corporation
|
E3502S |
2C 18 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
|
General Cable Technologies Corporation
|
E3514S |
4C 16 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
|
General Cable Technologies Corporation
|
E2104S |
4C 22 7/30 BC FLEX OAS FLEX Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
E3010S |
10C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
E3000S |
2C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
|
General Cable Technolog...
|
98266-0075 |
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 8 Circuits 0.051m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
|
Molex Electronics Ltd.
|
15266-0067 |
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.229m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
98266-0051 |
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.03m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
|
Molex Electronics Ltd.
|
98266-0053 |
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.051m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
|
Molex Electronics Ltd.
|
|